PART |
Description |
Maker |
0640080970 |
Square DIN style die sets used with 4/0 compression lugs
|
Molex Electronics Ltd.
|
86092325113745000E 8609XXX51137X5 86092645113785EL |
DIN STANDARD HEADER(ANGLED SPILL DIN 41612 STYLE-B)
|
http:// FCI-CONNECTOR[FCI connector]
|
8609XXX83X4XX5 86094328314745000E1 86094328314745E |
DIN STANDARD RECEPTACLE(STRAIGHT SPILL DIN 41612 STYLE-C/2)
|
FCI-CONNECTOR[FCI connector]
|
170M5250 170M6250 |
Square Body ?DIN 43 653 1250V/1300V (IEC/U.L.)
|
Cooper Bussmann, Inc.
|
85013-3081 0850133081 |
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R, 1.0μm (39μ) Selective Gold (Au), 96 Circuits 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R, 1.0渭m (39渭) Selective Gold (Au), 96 Circuits 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R, 1.0楼矛m (39楼矛) Selective Gold (Au), 96 Circuits
|
Molex Electronics Ltd.
|
85013-3196 0850133196 |
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R/2 Reverse, 1μm (40μ) Selective Gold (Au), 48 Circuits, Lead free 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R/2 Reverse, 1渭m (40渭) Selective Gold (Au), 48 Circuits, Lead free 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R/2 Reverse, 1楼矛m (40楼矛) Selective Gold (Au), 48 Circuits, Lead free
|
Molex Electronics Ltd.
|
36511-0122 0365110122 MMB1502R963 MM-B1502-R963 |
2.54mm (.100) Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.60μm (24μ) Gold (Au) Plating, Tail Length 4.50mm (.177), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.60渭m (24渭") Gold (Au) Plating, Tail Length 4.50mm (.177"), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.60楼矛m (24楼矛") Gold (Au) Plating, Tail Length 4.50mm (.177"), 64 Circuits
|
Molex Electronics Ltd.
|
0850031378 85003-1378 |
2.54mm (.100) Pitch DIN 41612 C/3 Style Male Header, Right Angle, Through Hole, 1.27μm (50μ) Selective Gold (Au) Plating, 30 Circuits, without Mounting Clips 2.54mm (.100) Pitch DIN 41612 C/3 Style Male Header, Right Angle, Through Hole, 1.27渭m (50渭) Selective Gold (Au) Plating, 30 Circuits, without Mounting Clips 2.54mm (.100) Pitch DIN 41612 C/3 Style Male Header, Right Angle, Through Hole, 1.27楼矛m (50楼矛) Selective Gold (Au) Plating, 30 Circuits, without Mounting Clips
|
Molex Electronics Ltd.
|
0850032983 85003-2983 |
2.54mm (.100) Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole0.25μm (10μ) Selective Gold (Au), 32 Circuits, Lead free 2.54mm (.100") Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole0.25渭m (10渭") Selective Gold (Au), 32 Circuits, Lead free MOLEX Connector
|
Molex Electronics Ltd.
|
85042-1079 |
2.54mm Pitch DIN 41612 Receptacle, Style C, 96 Circuits
|
Molex Electronics Ltd.
|
86094327313745000E 86094327313745ELF 8609432731375 |
DIN STANDARD HEADER(ANGLED SPILL DIN41612 STYLE-C/2)
|
http:// FCI connector
|
|